Part Number Hot Search : 
E470M 130FT501 XC9509L 2SA1943 2SC34 UFT5020 EPR1012E PINAC25
Product Description
Full Text Search
 

To Download MAX1011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1335; Rev 0a; 2/98
KIT ATION EVALU BLE AVAILA
Low-Power, 90Msps, 6-Bit ADC
General Description Features
o High Sampling Rate: 90Msps o Low Power Dissipation: 215mW o Excellent Dynamic Performance: 5.85 ENOB with 20MHz Analog Input 5.7 ENOB with 50MHz Analog Input o 1/4LSB INL and DNL (typ) o 1/4LSB Input Offset (typ) o Internal Bandgap Voltage Reference o Internal Oscillator with Overdrive Capability o 55MHz (-0.5dB) Bandwidth Input Amplifier with True Differential Input o User-Selectable Full-Scale Range (125mVp-p, 250mVp-p, or 500mVp-p) o Single-Ended or Differential Input Drive o Flexible, 3.3V, CMOS-Compatible Digital Outputs
MAX1011
The MAX1011 is a 6-bit analog-to-digital converter (ADC) that combines high-speed, low-power operation with a user-selectable input range, an internal reference, and a clock oscillator. The ADC converts analog signals into binary-coded digital outputs at sampling rates up to 90Msps. The ability to directly interface with baseband signals makes the MAX1011 ideal for use in a wide range of communications and instrumentation applications. The MAX1011's input amplifier features a true differential input, a -0.5dB analog bandwidth of 55MHz, and a userprogrammable input full-scale range of 125mVp-p, 250mVp-p, or 500mVp-p. With an AC-coupled signal, input offset is typically less than 1/4LSB. Dynamic performance is 5.85 effective number of bits (ENOB) with a 20MHz analog input signal, or 5.7 ENOB with a 50MHz signal. The MAX1011 operates with +5V analog and +3.3V digital supplies for easy interfacing to +3.3V-logic-compatible digital signal processors and microprocessors. It comes in a 24-pin QSOP package.
Applications
IF Sampling Receivers VSAT Receivers Wide Local Area Networks (WLANs) Instrumentation
PART MAX1011CEG
Ordering Information
TEMP. RANGE 0C to +70C PIN-PACKAGE 24 QSOP
Pin Configuration appears at end of data sheet.
Functional Diagram
OCC+ IN+ INPUT AMP
OCC-
ADC VREF OFFSET CORRECTION
6
IN-
DATA BUFFER
6
D0-D5
CLOCK OUT BANDGAP REFERENCE CLOCK DRIVER
DCLK TNK+ TNK-
GAIN
MAX1011
________________________________________________________________ Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800 For small orders, phone 408-737-7600 ext. 3468.
Low-Power, 90Msps, 6-Bit ADC MAX1011
ABSOLUTE MAXIMUM RATINGS
VCC to GND ..........................................................-0.3V to +6.5V VCCO to OGND......................................................-0.3V to +6.5V GND to OGND ......................................................-0.3V to +0.3V Digital and Clock Output Pins to OGND...-0.3V to VCCO (10sec) All Other Pins to GND...............................................-0.3V to VCC Continuous Power Dissipation (TA = +70C) 24-Pin QSOP (derate 10mW/C above +70C)...........800mW Operating Temperature Range...............................0C to +70C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, <10sec)...........................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V 5%, VCCO = 3.3V 300mV, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER DC ACCURACY (Note 1) Resolution Integral Nonlinearity Differential Nonlinearity Full-Scale Input Range RES INL DNL VFSH VFSM VFSL Input Open-Circuit Voltage Input Resistance Input Capacitance Common-Mode Voltage Range OSCILLATOR INPUTS Oscillator Input Resistance DIGITAL OUTPUTS (D0-D5) Digital Outputs Logic-High Voltage Digital Outputs Logic-Low Voltage POWER SUPPLY Supply Current Power-Supply Rejection Ratio Digital Outputs Supply Current Power Dissipation ICC PSRR ICCO PD VCC = 4.75V to 5.25V (Note 3) 20MHz, full-scale analog inputs, CL = 15pF (Note 4) 37 -65 8.5 215 63.5 -40 13.8 mA dB mA mW VOH VOL ISOURCE = 50A ISINK = 400A 0.7VCCO 0.5 V V ROSC Other oscillator input tied to VCC + 0.3V 4.8 8 12.1 k VAOC RIN CIN VCM Guaranteed by design Other analog input driven with external source (Note 2) 1.75 No missing codes over temperature GAIN = VCC (high gain) GAIN = open (mid gain) GAIN = GND (low gain) 6 -0.5 -0.5 118.75 237.5 475 2.25 13 0.25 0.25 125 250 500 2.35 20 1.5 0.5 0.5 131.25 262.5 525 2.45 29 3 2.75 V k pF V mVp-p Bits LSB LSB SYMBOL CONDITIONS MIN TYP MAX UNITS
INVERTING AND NONINVERTING ANALOG INPUTS
2
_______________________________________________________________________________________
Low-Power, 90Msps, 6-Bit ADC
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V 5%, VCCO = 3.3V 300mV, TA = +25C, unless otherwise noted.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX1011
DYNAMIC PERFORMANCE (Gain = open, external 90MHz clock (Figure 7), VIN = 20MHz sine, amplitude -1dB below full scale, unless otherwise noted.) Maximum Sample Rate Analog Input -0.5dB Bandwidth fMAX BW ENOBM Effective Number of Bits ENOBH ENOBL Signal-to-Noise Plus Distortion Ratio Input Offset (Note 5) Clock to Data Propagation Delay Data Valid Skew Input to DCLK Delay Aperture Delay Pipeline Delay SINAD OFF GAIN = GND, open, VCC GAIN = open (mid gain) GAIN = open (mid gain), fIN = 50MHz, -1dB below full scale GAIN = VCC (high gain) GAIN = GND (low gain) GAIN = open (mid gain) Guaranteed by design 35.5 -0.5 5.6 90 55 5.85 5.7 5.8 5.85 37 0.5 dB LSB Bits Msps MHz
TIMING CHARACTERISTICS (Data outputs: RL = 1M, CL = 15pF) tPD tSKEW tDCLK tAD PD (Note 6) (Note 6) TNK+ to DCLK (Note 6) Figure 8 Figure 8 3.0 1 4.5 5.5 1 ns ns ns ns clock cycle
Note 1: Best-fit straight-line linearity method. Note 2: A typical application will AC couple the analog input to the DC bias level present at the analog inputs (typically 2.35V). However, it is also possible to DC couple the analog input (using differential or single-ended drive) within this commonmode input range (Figures 4 and 5). Note 3: PSRR is defined as the change in the mid-gain, full-scale range as a function of the variation in V CC supply voltage, expressed in decibels. Note 4: The current in the VCCO supply is a strong function of the capacitive loading on the digital outputs. To minimize supply transients and achieve optimal dynamic performance, reduce the capacitive-loading effects by keeping line lengths on the digital outputs to a minimum. Note 5: Offset-correction compensation enabled, 0.22F at compensation inputs (Figures 2 and 3). Note 6: tPD and tSKEW are measured from the 1.4V level of the output clock, to the 1.4V level of either the rising or falling edge of a data bit. tDCLK is measured from the 50% level of the clock-overdrive signal on TNK+ to the 1.4V level of DCLK. The capacitive load on the outputs is 15pF.
_______________________________________________________________________________________
3
Low-Power, 90Msps, 6-Bit ADC MAX1011
__________________________________________Typical Operating Characteristics
(VCC = +5V 5%, VCCO = 3.3V 300mV, fCLK = 90Msps, GAIN = open (midgain) MAX1011 evaluation kit, TA = +25C, unless otherwise noted.)
EFFECTIVE NUMBER OF BITS vs. ANALOG INPUT FREQUENCY
MAX1011-01
ANALOG INPUT BANDWIDTH
0 -0.2 MAGNITUDE (dB)
MAX1011-02
EFFECTIVE NUMBER OF BITS vs. SAMPLING/CLOCK FREQUENCY
MAX1011-03
6.0
6.0
EFFECTIVE NUMBER OF BITS
EFFECTIVE NUMBER OF BITS
5.8
5.9
5.6
5.8
-0.4 -0.6 -0.8
5.4
5.7
5.2 fCLK = 90Msps 5.0 10 ANALOG INPUT FREQUENCY (MHz) 100
5.6 fIN = 20MHz
-1.0 1 10 ANALOG INPUT FREQUENCY (MHz) 100
5.5 1 10 CLOCK FREQUENCY (MHz) 100
OSCILLATOR OPEN-LOOP PHASE NOISE vs. FREQUENCY OFFSET
MAX1011-04
FFT PLOT
fIN = 19.9512MHz fCLK = 90.000MHz 1024 POINTS AC-COUPLED SINGLE-ENDED AVERAGED
MAX1011-05
-50
0
-70 PHASE NOISE (dBc) AMPLITUDE (dB) 1k 10k 100k 1M
-20
-90
-40
-110
-60 -130 -80 0 9 18 27 36 45 FREQUENCY OFFSET FROM CARRIER (Hz) FREQUENCY (MHz)
INTEGRAL NONLINEARITY vs. CODE
MAX1011-06
DIFFERENTIAL NONLINEARITY vs. CODE
MAX1003-07
0.50
0.50
0.25 DNL (LSB) INL (LSB)
0.25
0
0
-0.25
-0.25
-0.50 0 10 20 30 CODE 40 50 60 64
-0.50 0 10 20 30 CODE 40 50 60 64
4
_______________________________________________________________________________________
Low-Power, 90Msps, 6-Bit ADC
Pin Description
PIN 1 2 3 4 5 6 7 8 9, 10, 12, 13 11 14 15 16 17 18 19-24 NAME GAIN OCC+ OCCIN+ INVCC TNK+ TNKGND VCC VCC N.C. OGND VCCO DCLK D0-D5 FUNCTION Gain-Select Input. Sets input full-scale range: 125/250/500mVp-p (Table 1). Positive Offset-Correction Compensation. Connect a 0.22F capacitor for AC-coupled inputs. Ground pin 2 for DC-coupled inputs. Negative Offset-Correction Compensation. Connect a 0.22F capacitor for AC-coupled inputs. Ground pin 3 for DC-coupled inputs. Noninverting Analog Input Inverting Analog Input +5V 5% Supply. Bypass with a 0.01F capacitor to GND (pin 9). Positive Oscillator/Clock Input Negative Oscillator/Clock Input Analog Ground +5V 5% Supply. Bypass with a 0.01F capacitor to GND (pin 10). +5V 5% Supply. Bypass with a 0.01F capacitor to GND (pin 13). No Connection Digital Output Ground Digital Output Supply, +3.3V 300mV. Bypass with a 47pF capacitor to OGND (pin 16). Digital Clock Output. Frames the output data. Digital Outputs 0-5. D5 is the most significant bit (MSB).
MAX1011
_______________Detailed Description
Converter Operation
The MAX1011 integrates a 6-bit analog-to-digital converter (ADC), a buffered voltage reference, and oscillator circuitry. The ADC uses a flash conversion technique to convert an analog input signal into a 6-bit parallel digital output code. The MAX1011's unique design includes 63 fully differential comparators and a proprietary encoding scheme that ensures no more than 1LSB dynamic encoding error. The control logic interfaces easily to most digital signal processors (DSPs) and microprocessors (Ps) with +3.3V CMOS-compatible logic interfaces. Figure 1 shows the MAX1011 in a typical application.
Programmable Input Amplifier
The MAX1011 has a programmable-gain input amplifier with a -0.5dB bandwidth of 55MHz and a true differential input. To maximize performance in high-speed systems, the amplifier has less than 3pF of input capacitance. The input amplifier gain is programmed via the GAIN pin to provide three possible input fullscale ranges (FSRs) as shown in Table 1. Single-ended and differential AC-coupled input circuit examples are shown in Figures 2 and 3. Each of the
Table 1. Input Amplifier Programming
GAIN GND Open VCC INPUT FULL-SCALE RANGE (mVp-p) 500 250 125
_______________________________________________________________________________________
5
Low-Power, 90Msps, 6-Bit ADC MAX1011
amplifier inputs is internally biased to a 2.35V reference through a 20k resistor, eliminating external DC bias circuits. A series 0.1F capacitor is required at the amplifier input for AC-coupled signals. When operating with AC-coupled inputs, the input amplifier's DC offset voltage is nulled to within 1/2LSB by an on-chip, offset-correction amplifier. An external compensation capacitor is required to set the dominant pole of the offset-correction amplifier's frequency response (Figures 2 and 3). The compensation capacitor will determine the low-frequency corner of the analog input response according to the following formula: fc = 1 / (0.1 x C) where C is the value of the compensation capacitor in F, and fc is the corner frequency in Hz.
MAX1011
RF
6 BITS
DATA BUFFER
6 DIGITAL DEMODULATOR OR DSP
DCLK
LO
TANK
Figure 1. IF Sampling Receiver
0.22F
0.22F
OCC+
OCC-
OCC+
OCC-
OFFSET CORRECTION
OFFSET CORRECTION
0.1F
IN+ INPUT AMP IN0.1F 20k 20k
0.1F
IN+ INPUT AMP IN-
VSOURCE
VSOURCE
0.1F
MAX1011
2.35V INTERNAL REFERENCE
20k
20k
MAX1011
2.35V INTERNAL REFERENCE
Figure 2. Single-Ended AC-Coupled Input
6
Figure 3. Differential AC-Coupled Input
_______________________________________________________________________________________
Low-Power, 90Msps, 6-Bit ADC
For applications where a DC component of the input signal is present, Figures 4 and 5 show single-ended and differential DC-coupled input circuits. The amplifier's input common-mode voltage range extends from 1.75V to 2.75V. To prevent attenuation of the input signal's DC component in this mode, disable the offsetcorrection amplifier by grounding the OCC+ and OCCpins (Figures 4 and 5). on-chip reference and buffer eliminate any external (high-impedance) connections to the reference ladder, minimizing the potential for noise coupling from external circuitry while ensuring that the voltage reference, input amplifier, and reference ladder track well with variations of temperature and power supplies.
MAX1011
Oscillator Circuit
The MAX1011 includes a differential oscillator, which is controlled by an external parallel resonant (tank) network as shown in Figure 6. Alternatively, the oscillator may be overdriven with an external clock source as shown in Figure 7.
ADC
The ADC block receives the analog signal from the input amplifier. The ADC uses flash conversion with 63 fully differential comparators to digitize the analog input signal into a 6-bit output in offset binary format. The MAX1011 features a proprietary encoding scheme that ensures no more than 1LSB dynamic encoding error. Dynamic encoding errors resulting from metastable states may occur when the analog input voltage, at the time the sample is taken, falls close to the decision point for any one of the input comparators. The resulting output code for typical converters can be incorrect, including false full- or zero-scale outputs. The MAX1011's unique design reduces the magnitude of this type of error to 1LSB.
Internal Clock Operation (Tank) If the tank circuit is used, the resonant inductor should have a sufficiently high Q and a self-resonant frequency (SRF) of at least twice the intended oscillator frequency. Coilcraft's 1008HS-221, with an SRF of 700MHz and a Q of 45, works well for this application. Generate different clock frequency ranges by adjusting varactor and tank elements.
An internal clock-driver buffer is included to provide sharp clock edges to the internal flash comparators. The buffer ensures that the comparators are simultaneously clocked, maximizing the ADC's effective number of bits (ENOB) performance.
Internal Voltage Reference
An internal buffered-bandgap reference is included on the MAX1011 to drive the ADC's reference ladder. The
OFFSET CORRECTION DISABLED
OFFSET CORRECTION DISABLED
OCC+
OCC-
OCC+
OCC-
OFFSET CORRECTION
OFFSET CORRECTION
IN+ VSOURCE IN20k VCM 1.75V TO 2.75V 20k INPUT AMP VSOURCE
IN+ INPUT AMP IN-
MAX1011
2.35V INTERNAL REFERENCE DIFFERENTIAL SOURCE WITH COMMON MODE FROM 1.75V TO 2.75V.
20k
20k
MAX1011
2.35V INTERNAL REFERENCE
Figure 4. Single-Ended DC-Coupled Input
Figure 5. Differential DC-Coupled Input
7
_______________________________________________________________________________________
Low-Power, 90Msps, 6-Bit ADC MAX1011
VCLK = 300mVp-p TO 1.25Vp-p 47k 50 47pF 10k VTUNE 5pF 220nH TNK0.1F 47pF 47k TNK+ CLK DRIVER VCLK Z0 = 50 TNK+ 50 CLK DRIVER TNK0.1F
MAX1011
50
MAX1011
VTUNE = 0V TO 8V fOSC = 70MHz TO 109MHz VARACTOR DIODE PAIR IS M/A-COM MA4ST079CK-287 (SOT23 PACKAGE) INDUCTOR COILCRAFT 1008HS-221.
Figure 6. Tank Resonator Oscillator
Figure 7. External Clock Drive Circuit
External Clock Operation To accommodate designs that use an external clock, the MAX1011's internal oscillator can be overdriven by an external clock source (Figure 7). The external clock source should be a sinusoid to minimize clock phase noise and jitter, which can degrade the ADC's ENOB performance. AC couple the clock source (recommended voltage level is approximately 1Vp-p) to the oscillator inputs (Figure 7).
Output Data Format
The conversion results are output on a 6-bit-wide data bus. Data is latched into the ADC output latch following a pipeline delay of one clock cycle (Figure 8). Output data is clocked out of the ADC's data output pins (D0 through D5) on the rising edge of the clock output (DCLK), with a DCLK-to-data propagation delay (tPD) of 3.0ns. The MAX1011 outputs are +3.3V CMOS-logic compatible.
improved conversion accuracy. Use of separate ground planes is strongly recommended. The entire board needs good DC bypassing for both analog and digital supplies. Place the power-supply bypass capacitors close to where the power is routed onto the board, i.e., close to the connector. 10F electrolytic capacitors with low-ESR ratings are recommended. For best effective bits performance, minimize capacitive loading at the digital outputs. Keep the digital output traces as short as possible. The MAX1011 requires a +5V 5% power supply for the analog supply (VCC) and a +3.3V 300mV power supply connected to V CCO for the logic outputs. Bypass each of the VCC supply pins to its respective GND with high-quality ceramic capacitors located as close to the package as possible (Table 2). Consult the evaluation kit manual for a suggested layout and bypassing scheme.
Transfer Function
Figure 9 shows the MAX1011's nominal transfer function. Output coding is offset binary with 1LSB = FSR / 63.
Table 2. Bypassing Guide
SUPPLY FUNCTION Analog Inputs Oscillator/Clock Converter Digital Output VCC/ VCCO (PIN) 11 6 14 17 BYPASS TO GND/ OGND (PIN) 10 9 13 16 CAPACITOR VALUE 0.01F 0.01F 0.01F 47pF
___________Applications Information
The MAX1011 is designed with separate analog and digital power-supply and ground connections to isolate high-current digital noise spikes from the more sensitive analog circuitry. The high-current digital output ground (OGND) and analog ground (GND) should be at the same DC level, connected at only one location on the board. This will provide best noise immunity and
8
_______________________________________________________________________________________
Low-Power, 90Msps, 6-Bit ADC MAX1011
N
ANALOG INPUT tAD
N+1
N+2
50% TNK+ (INPUT CLOCK) tDCLK
1.4V DCLK tPD tSKEW
DATA OUT
1.4V
DATA VALID N - 1
DATA VALID N
Figure 8. MAX1011 Timing Diagram
______________Dynamic Performance
Signal-to-noise and distortion (SINAD) is the ratio of the fundamental input frequency's RMS amplitude to all other ADC output signals. The output spectrum is limited to frequencies above DC and below one-half the ADC sample rate. The theoretical minimum analog-to-digital noise is caused by quantization error, and results directly from the ADC's resolution: SNR = (6.02N + 1.76)dB, where N is the number of bits of resolution. Therefore, a perfect 6-bit ADC can do no better than 38dB. The FFT Plot (see Typical Operating Characteristics) shows the result of sampling a pure 20MHz sinusoid at a 90MHz clock rate. This FFT plot of the output shows the output level in various spectral bands. The plot has been averaged to reduce the quantization noise floor and reveal the low-amplitude spurs. This emphasizes the excellent spurious-free dynamic range of the MAX1011.
-FSR 2 0 1LSB INPUT VOLTAGE (IN+ TO IN-) FSR 2
111111 111110 111101
OUTPUT CODE
100001 100000 011111 011110 000011 000010 000001 000000
The effective resolution (or effective number of bits) the ADC provides can be measured by transposing the equation that converts resolution to SINAD: N = (SINAD - 1.76)/ 6.02 (see Typical Operating Characteristics).
Figure 9. Ideal Transfer Function
_______________________________________________________________________________________ 9
Low-Power, 90Msps, 6-Bit ADC MAX1011
Pin Configuration Chip Information
TRANSISTOR COUNT: 2823
TOP VIEW
GAIN 1 OCC+ 2 OCC- 3 IN+ 4 IN- 5 VCC 6 TNK+ 7 TNK- 8 GND 9 GND 10 VCC 11 GND 12 24 D5 23 D4 22 D3 21 D2
SUBSTRATE CONNECTED TO GND
MAX1011
20 D1 19 D0 18 DCLK 17 VCCO 16 OGND 15 N.C. 14 VCC 13 GND
QSOP
10
______________________________________________________________________________________
Low-Power, 90Msps, 6-Bit ADC
Package Information
QSOP.EPS
MAX1011
______________________________________________________________________________________
11
Low-Power, 90Msps, 6-Bit ADC MAX1011
NOTES
12
______________________________________________________________________________________


▲Up To Search▲   

 
Price & Availability of MAX1011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X